Part Number Hot Search : 
NJM4558C 5KE110 245DW S29AL01 51161 MB9B310T MAX823Z C1100
Product Description
Full Text Search
 

To Download 2SK3218-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3218-01
N-CHANNEL SILICON POWER MOS-FET
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
FUJI POWER MOS-FET
TO-220AB
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
3. Source
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Symbol Drain-source voltage VDS Continuous drain current ID Pulsed drain current ID(puls] Gate-source voltage VGS Maximum Avalanche Energy EAV *1 Max. power dissipation Ta=25C PD Tc=25C PD Operating and storage Tch temperature range Tstg Rating 150 40 160 30 387 1.67 135 +150 -55 to +150 Unit V A A V mJ W W C C
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
*1 L=420H, Vcc=24V
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf IAV VSD trr Qrr Test Conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=150V VGS=0V VGS=30V VDS=0V ID=20A VGS=10V ID=20A VDS=25V VDS=25V VGS=0V f=1MHz VCC=48V ID=40A VGS=10V RGS=10 L=100H Tch=25C IF=40A VGS=0V Tch=25C IF=40A VGS=0V -di/dt=100A/s Tch=25C 40 0.97 180 1.30 1.46
Min.
150 2.5 Tch=25C Tch=125C
Typ.
3.0 1 0.1 10 37 25.0 2650 550 240 21 95 115 60
Max.
3.5 100 0.5 100 43 3980 830 360 32 142 173 90
Units
V V A mA nA m S pF
12.5
ns A V ns C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
0.93 75.0
Units
C/W C/W
1
2SK3218-01
Characteristics
Power Dissipation PD=f(Tc)
150 10
3
FUJI POWER MOSFET
Safe operating area ID=f(VDS):Single Pulse(D=0),Tc=25C
125 10 100 D.C.
2
t= 1s 10s
100s
PD [W]
ID [A]
75
10
1
1ms
50 10 25
T
-1 0
10ms 100ms
t D= t T
0 0 25 50 75 100 125 150
10
Tc [C]
10
-1
10
0
10
1
10
2
10
3
VDS [V]
Typical output characteristics ID=f(VDS):80s pulse test,Tc=25C
100 15V VGS=20V 10V 80 7.0V 6.5V 60 6.0V 100
Typical transfer characteristics ID=f(VGS):80s pulse test,VDS=25V,Tch=25C
ID [A]
5.5V 40 5.0V 20 4.5V 0 0 1 2 3 4 5
ID [A]
10
1
0.1
0
2
4
6
8
10
VDS [V]
VGS [V]
Typical forward transconductance gfs=f(ID):80s pulse test,VDS=25V,Tch=25C
10
2
Typical Drain-Source on-State Resistance RDS(on)=f(ID):80s pulse test,Tch=25C
0.12 VGS= 4.5V 0.10
5.0V
5.5V
6.0V
10
1
0.08
RDS(on) [ ]
6.5V 7.0V 0.06 10V 15V 20V 0.04
gfs [s]
10
0
0.02
10
-1
0.00 10
-1
10
0
10
1
10
2
0
20
40
60
80
100
120
ID [A]
ID [A]
2
2SK3218-01
Drain-source on-state resistance RDS(on)=f(Tch):ID=20A,VGS=10V
120 5.0 4.5 100 4.0 3.5 80
FUJI POWER MOSFET
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=1mA
max. 3.0
RDS(on)[m ]
VGS(th) [V]
typ. 2.5 2.0 1.5 1.0 min.
60
max. typ.
40
20 0.5 0 -50 -25 0 25 50 75 100 125 150 0.0 -50 -25 0 25 50 75 100 125 150
Tch [C]
Tch [C]
Typical capacitances C=f(VDS):VGS=0V,f=1MHz
100n
150
Typical Gate Charge Characteristics VGS=f(Qg):ID=40A,Tch=25C
30
125
VDS
25
VGS
10n
100 Vcc=120V
20
VGS [V]
VDS [V]
C [F]
75V 75 30V 15
Ciss
1n Coss
50
10
25
5
Crss
100p
0
0 0 20 40 60 80 100 120 140 160 180 200
10
-2
10
-1
10
0
10
1
10
2
VDS [V]
Qg [nC]
Typical Forward Characteristics of Reverse Diode -ID=f(VSD):80s pulse test,Tch=25C
100 90 80 70 10 60 10
4
Typical Switching Characteristics vs. ID t=f(ID):Vcc=48V,VGS=10V,RG=10
3
-ID [A]
50 40
t [ns]
td(off)
10 30 20 10 0 0.0 10V 5V VGS=0V
2
tf
tr
td(on) 0.2 0.4 0.6 0.8 1.0 1.2 1.4 10
1
10
-1
10
0
10
1
10
2
VSD [V]
ID [A]
3
2SK3218-01
Maximum Avalanche Current vs. starting Tch I(AV)=f(starting Tch),Non Repetitive
50 45 40 35 30
0
FUJI POWER MOSFET
Transient Thermal Impedance Zth(ch-c)=f(t):D=t/T
10
1
10
D=0.5
Zth(ch-c) [C/W]
0.2 10
-1
0.1 0.05 0.02
I(AV) [A]
25 20 15
10
-2
0.01 0
t D= T t T
10 5 0
10
-3
10
0 25 50 75 100 125 150
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
t [sec]
Starting Tch [C]
Maximum Avalanche energy vs. starting Tch Eas=f(starting Tch):Vcc=24V,I <=40A,Non-Repetitive AV
500
400
300
Eas [mJ]
200 100 0 0 25 50 75 100 125 150
Starting Tch [C]
4


▲Up To Search▲   

 
Price & Availability of 2SK3218-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X